PART |
Description |
Maker |
STA2056V STA2056 |
REAL ONE CHIP SOLUTION FOR BOTH AUTONOMOUS AND HOST BASED GPS APPLICATION
|
ST Microelectronics STMicroelectronics
|
SWG81510 SWG83610 SWG84210 SWG84810 SWG86010 |
THREE PHASE CONTROLLE WITH PROPORTIONAL CONTROL 0 - 10V
|
celduc-relais
|
CY7C67300-100AXA CY7C67300-100AXAT CY7C67300-100AX |
EZ-Host Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
|
Cypress Semiconductor http://
|
CY7C67300 CY7C67300-100AI |
EZ-Host Programmable Embedded USB Host/Peripheral Controller
|
http:// Cypress Semiconductor Corp.
|
FT311D FT311D-32L1C FT311D-32L1C-R FT311D-32L1C-X |
The FT311D is a Full Speed USB host specifically targeted at providing access to peripheral hardware from an Android platform with a USB device port.null USB Android Host IC
|
Future Technology Devic...
|
CY7C67300-100AXA CY7C67300-100AXI CY7C67300-100AXI |
EZ-Host?/a> Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support EZ-Host Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
|
Cypress Semiconductor http://
|
PIC16C54B-04I/SS PIC16C54B-04/P PIC16C54B-04/SO PI |
ROM-Based 8-Bit CMOS Microcontroller Series 基于ROM位CMOS微控制器系列 SH-Ether Series, 7618 Group, Ether-DMAC, Host I/F, UBC, 2-ch 16-bit CMT, SDRAM, PCMCIA, Ethernet Ctrl, 4KB unified 4 way set associative cache BP-176V; Vcc= 1.4 to 1.6 volts, Temp= -40 to 85 C; Package: PLBG0176GA-A SH-Ether Series, 7618A Group, Ether-DMAC, Host I/F, UBC, 2-ch 16-bit CMT, SDRAM, PCMCIA, Ethernet Ctrl, 16KB unified 4 way set associative cache BP-176V; Vcc= 1.4 to 1.6 volts, Temp= -20 to 75 C; Package: PLBG0176GA-A SH-Ether Series, 7618 Group, Ether-DMAC, Host I/F, UBC, 2-ch 16-bit CMT, SDRAM, PCMCIA, Ethernet Ctrl, 4KB unified 4 way set associative cache BP-176V; Vcc= 1.4 to 1.6 volts, Temp= -20 to 75 C; Package: PLBG0176GA-A 3.3V / 5V ECL Dual Differential Data and Clock D Flip-Flop With Set and Reset; Package: TSSOP 20 LEAD; No of Pins: 20; Container: Tape and Reel; Qty per Container: 2500
|
Microchip Technology, Inc. Microchip Technology Inc. http://
|
UPD720200AF1-DAP-A |
The μPD720200A is the second generation Universal Serial Bus 3.0 host controller, which complies with Universal Serial Bus 3.0 Specification, and Intel’s eXtensible Host controller interface
|
Renesas Electronics Corporation
|
STEVAL-TLL006V2 |
New high-power LED driver demo board for single flash with IC interface based on STCF06 (with motherboard based on uPSD)
|
ST Microelectronics
|
MVCA1Z MVCA2Z |
SD Card Host IP
|
Panasonic Semiconductor
|
SAS9200-8E |
Host Bus Adapter
|
AVAGO TECHNOLOGIES LIMI...
|